PART |
Description |
Maker |
FM305B FM306B FM303B FM302B FM304B FM301B FM302B-W |
3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 100 V, SILICON, RECTIFIER DIODE, DO-214AA SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA 3 A, 600 V, SILICON, RECTIFIER DIODE, DO-214AA
|
RECTRON LTD Rectron Semiconductor
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
MBRB1545CTT4G MBRB1545CTG |
SWITCHMODE?/a> Power Rectifier 15A 45V Schottky Rectifier; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 7.5 A, 45 V, SILICON, RECTIFIER DIODE SWITCHMODE?/a> Power Rectifier
|
ON Semiconductor
|
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
S8M 1N5614 S6M 1N5618 S2M |
Axialleaded Hermetically Sealed Standard Recovery Rectifier Diode(????靛?600V,骞冲?姝e??垫?2A锛?酱??????瀵??????㈠??存?浜??绠? RECTIFIER, up to 1kV, 2A, 2μs RECTIFIER, up to 1kV, 2A, 2楼矛s
|
Semtech Corporation
|
SB120-05H 2513 |
40V, 1.1A Rectifier 40V的,1.1A的整流器 From old datasheet system 40V 1.1A Rectifier 50V, 12A Rectifier Schottky Barrier Diode (Twin Type Cathode Common)
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
UG2004-T UG2007 UG2006 UG2006-T |
2.0A ULTRA-FAST GLASS PASSIVATED RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 2A 400V 60A-ifsm 1.3V-vf 50ns 8uA-ir DO-15 4K/REEL-13 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15
|
Diodes, Inc.
|
1N3296S 1N3289S 1N3295S 1N3297S 1N3288S 1N413B 1N1 |
Standard Rectifier (trr more than 500ns) SILICON POWER RECTIFIER 100 A, 50 V, SILICON, RECTIFIER DIODE, DO-205AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
|